PART |
Description |
Maker |
ENA1028A |
CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC87F2H08A |
CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
ENA0970B |
CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC872H04A LC872H06A LC872H08A |
CMOS IC 8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
AT29C040A-12PC |
4 Megabit (512K x 8) 5-volt Only 256-Byte Sector
CMOS Flash Memory
|
ATMEL
|
MS7202AL MS7201AL MS7200L MS7200-25FC MS7201-25FC |
25ns; 256 x 9, 512 x9, 1K x 9 CMOS FIFO 256 X 9 OTHER FIFO, 25 ns, PQCC32 25ns 256 x 9, 512 x9, 1K x 9 CMOS FIFO 256 x 9 CMOS FIFO 256 x 9, 512 x 9, 1K x 9 CMOS FIFO FIFO, Single, 256x9, Uni-directional, 5V Supply, Commercial, LDCC, 32-Pin
|
MOSEL-VITELIC Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] Mosel Vitelic Corp
|
ENA0955A |
CMOS IC 128K-byte FROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
LC87F1964A |
CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
|
Sanyo Semicon Device
|
LC865520B LC865512B LC865516B LC865504B LC865508B |
8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM CMOS IC
|
SANYO[Sanyo Semicon Device]
|